Part Number Hot Search : 
115A521 AD6472 STK086 D74HC MC3346 C484FD26 Z0103M AT91S
Product Description
Full Text Search
 

To Download DG9052 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG9051/9052/9053
New Product
Vishay Siliconix
Precision 8-Ch/Dual 4-Ch/Triple 2-Ch Low Voltage Analog Switches/Multiplexers
DESCRIPTION
The DG9051/9052/9053 are low-voltage monolithic CMOS analog switches and multiplexers. DG9051 is an 8-channel multiplexer; DG9052 is a dual 4-channel multiplexer; and DG9053 is a triple single-pole/double throw (SPDT) switch. They are designed to operate from a +2.7 to +12-V single supply or 2.7 to 6-V dual power supplies. All control logic inputs have guaranteed 2-V logic high/0.8-V logic low when operating from a single 5 V or dual 5-V supplies, and 2.4-V logic high/0.8-V logic low when V + = 12 V. Built on Vishay Siliconix's proprietary high-density process, the DG9051/9052/9053 offer the advantage of bi-directional signal, rail to rail analog signal handling. As a committed partner to the community and the environment, Vishay Siliconix manufactures this product with the Lead (Pb)-Free device terminations. For analog switching products manufactured with 100 % matte tin device termination, the Lead (Pb)-Free "-E3"suffix is being used as a designator.
FEATURES * 2.7 to 12-V Single Supply
or 2.7 to 6-V Dual Supply Operation * Guaranteed Ron Matching
* Low Voltage CMOS Logic Compatible BENEFITS * Wide Operation Voltage Range * Pin Compatible with 74HC4051/2/5 * Guaranteed Low Leakage APPLICATIONS * Battery Powered Equipment * Test Process Equipment * Communication Systems * A/V and Mixed Signal Routing * Automotive
RoHS
COMPLIANT
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG9051
DG9052
DG9053
X4 X6 X X7 X5 Enable VEE GND
1 2 3 4 5 6 7 8 Logic
16 15 14 13 12 11 10 9
VCC X2 X1 X0 X3 A B C
Y0 Y2 Y Y3 Y1 Enable VEE GND
1 2 3 4 5 6 7 8 Logic
16 15 14 13 12 11 10 9
VCC X2 X1 X X0 X3 A B
Y1 Y0 Z1 Z Z0 Enable VEE GND
1 2 3 4 5 6 7 8
16 15 14 13 12 11 10 9
VCC Y X X1 X0 A B C
ORDERING INFORMATION
Temp Range Package Part Number DG9051DQ-T1-E3 -40 to 85C TSSOP-16 DG9052DQ-T1-E3 DG9053DQ-T1-E3 The information shown here is a preliminary product proposal, not a commercial product data sheet. Siliconix is not committed to produce this or any similiar product. This information should not be used for design purposes, nor construed as an offer to furnish or sell such products Document Number: 73410 S-52072-Rev. A, 10-Oct-05 www.vishay.com 1
DG9051/9052/9053
Vishay Siliconix
TRUTH TABLE
Enable Input H L Select Inputs C* X L B X L A X L DG9051 All switches open X - X0 On Switches DG9052 All switches open X - X0, Y - Y0 X - X1, Y - Y1 X - X2, Y - Y2 X - X3, Y - Y3 X - X0, Y - Y0 X - X1, Y - Y1 X - X2, Y - Y2 X - X3, Y - Y3 DG9053 All switches open X - X0, Y - Y0, Z - Z0 X - X1, Y - Y0, Z - Z0 X - X0, Y - Y1, Z - Z0 X - X1, Y - Y1, Z - Z0 X - X0, Y - Y0, Z- Z1 X - X1, Y - Y0, Z - Z1 X - X0, Y - Y1, Z - Z1 X - X1, Y - Y1, Z - Z1
New Product
L
L
L
H
X - X1
L
L
H
L
X - X2
L
L
H
H
X - X3
L
H
L
L
X - X4
L
H
L
H
X - X5
L
H
H
L
X - X6
L X = Don't care
H
H
H
X - X7
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Voltage Referenced to V- Digital Inputsa Current (Any Terminal Except S or D) Continuous Current, S or D Peak Current, S or D (Pulsed at 1 ms, 10 % Duty Cycle Max) Package Solder Reflow Conditionsb Storage Temperature Power Dissipation (Packages)c TA = 70 C, TSSOP-16d IR/Convection V+ GND VS, VD Symbol Limit 13.5 7 (V-) -0.3 to (V+) +0.3 30 100 200 260 -65 to 150 925 C mW mA V Unit
www.vishay.com 2
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
DG9051/9052/9053
New Product
Vishay Siliconix
SPECIFICATIONS (SINGLE SUPPLY 12 V)
Test Condition Otherwise Unless Specified V+ = 12 V, 10 %, V- = 0 V Parameter Analog Switch Analog Signal Rangee On-Resistance rON Match Between Channelsg VANALOG rON rON IS(off) Switch Off Leakage Current ID(off) Channel On Leakage Current Digital Control Logic High Input Voltage Logic Low Input Voltage Input Current Dynamic Characteristics Transition Time Break-Before-Make Time Enable Turn-On Time Enable Turn-Off Time Charge Injectione Off-Isolation Crosstalke Source Off Capacitancee Drain Off Capacitancee Drain On Capacitance Power Supply Power Supply Current I+ VEN = VA = 0 V or V+ Room 1.0 A
e e,h
Limits -40 to 85C Tempb Full Minc 0 30 Typd Maxc 12 40 50 5 -1 -20 -1 -20 -2 -10 2.4 0.8 -1 26 3 10 ns 20 16 38 -78 -83 4 8 15 pF 35 45 30 40 pC dB 1 35 55 1 20 1 20 2 10 nA Unit V
Symbol
VA, VEN = 0.8 V or 2.4 Vf
VD = 3.5 V, IS = 1 mA Sequence Each Switch On VD = 3.5 V, IS = 1 mA
Room Full Room Room Full Room Full Room Full Full Full
VEN = 2.4 V, VD = 11 V or 1 V, VS = 1 V or 11 V
ID(on)
VEN = 0 V, VS = VD = 1 V or 11 V
VINH VINL IIN VAX = VEN = 2.4 V or 0.8 V VNO/VNC = 8 V/0 V, 0 V/8 V RL = 300 , CL = 35 pF
V A
Full Room Full Room Full
tTRANS tBBM tON(EN) tOFF(EN) Q OIRR XTALK CS(off) CD(off) CD(on)
VX,Y, Z = 5 V, VS = 0 V, RL = 306 , CL = 35 pF
Room Full Room Full
CL = 1 nF, VGEN = 0 V, RGEN = 0 f = 1 MHz, RL = 50 f = 1 MHz, VS = 0 V, VEN = 2.4 V f = 1 MHz, VD = 0 V, VEN = 2.4 V f = 1 MHz, VD = 0 V, VEN = 0 V
Room Room Room Room Room Room
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
www.vishay.com 3
DG9051/9052/9053
Vishay Siliconix
New Product
SPECIFICATIONS (DUAL SUPPLY V+ = 5 V, V- = -5 V)
Test Condition Otherwise Unless Specified V+ = 5 V, V- = -5 V 10 % Parameter Analog Switch Analog Signal Rangee On-Resistance rON Match Between Channelsg On-Resistance Flatnessi VANALOG rON rON rON Flatness IS(off) Switch Off Leakage Currenta ID(off) Channel On Leakage Currenta Digital Control Logic High Input Voltage Logic Low Input Voltage Input Currenta Dynamic Characteristics Transition Timee Break-Before-Make Timee Enable Turn-On Timee Enable Turn-Off Timee Source Off Capacitancee Drain Off Drain On Capacitancee Capacitancee tTRANS tBBM tON(EN) tOFF(EN) CS(off) CD(off) CD(on) I+ I- f = 1 MHz, VS = 0 V, VEN = 2.0 V f = 1 MHz, VD = 0 V, VEN = 2.0 V f = 1 MHz, VD = 0 V, VEN = 0 V VX,Y, Z = +/-3 V, VS = 0 V, RL = 300 , CL = 35 pF V+ = 4.5 V, V- = -4.5 V VNO/NC = 3 V, RL = 300 , CL = 35 pF Room Full Room Full Room Full Room Full Room Room Room Room Room -1.0 5 38 22 5 9 13 1.0 pF 55 70 35 50 35 12 ns 50 65 VINH VINL IIN VAX = VEN = 2.0 V or 0.8 V Full Full Full -1 2.0 0.8 1 V A ID(on) V+ = 4.5 V, V- = -4.5 V, VD = 3.0 V, IS = 1 mA V+ = 4.5 V, V- = -4.5 V, VD = 3 V, IS = 1 mA Sequence Each Switch On Full Room Full Room Room Room Full Room Full Room Full -1 -20 -1 -20 -2 -10 7 -5 35 5 55 60 5 10 1 20 1 20 2 10 nA V Symbol VA, VEN = 0.8 V or 2.0 Vf Tempb Minc Limits -40 to 85C Typd Maxc Unit
V+ = 5.5 V, V- = -5.5 V VEN = 2.0 V, VD = 4.5 V, VS = 4.5 V V+ = 5.5 V, V- = -5.5 V VEN = 0 V, VD = 4.5 V, VS = 4.5 V
Power Supply Power Supply Current VEN = VA = 0 V or V+ A
www.vishay.com 4
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
DG9051/9052/9053
New Product
Vishay Siliconix
SPECIFICATIONS (SINGLE SUPPLY 5 V)
Test Condition Otherwise Unless Specified V+ = 5 V, 10 %, V- = 0 V Parameter Analog Switch Analog Signal Rangee On-Resistance rON Match Between Channelsg Switch Off Leakage Currenta ID(off) Channel On Leakage Currenta Digital Control Logic High Input Voltage Logic Low Input Voltage Input Currenta Dynamic Characteristics Transition Time Break-Before-Make Time Enable Turn-On Time Enable Turn-Off Time Charge Injectione Off-Isolatione,h Crosstalk
e
Limits -40 to 85C Tempb Full Minc 0 80 Typd Maxc 5 100 120 8.0 -1 -20 -1 -20 -2 -10 2.0 0.8 -1 1 1 20 1 20 2 10 nA Unit V
Symbol VANALOG rON rON IS(off)
VA, VEN = 0.8 V or 2.0 Vf
V+ = 4.5 V, VD or VS = 3 V or 3.5 V, IS = 1 mA V+ = 4.5 V, VD = 3 V, IS = 1 mA V+ = 5.5 V, VEN = 2 V VS = 1 V or 4.5 V, VD = 4.5 V or 1 V V+ = 5.5 V, VEN = 0 V VD = VS = 1 V or 4.5 V
Room Full Room Room Full Room Full Room Full Full Full
ID(on)
VINH VINL IIN VAX = VEN = 2.0 V or 0.8 V V+ = 4.5 V, V- = 0 V, VNO / NC = 3 V / 0 V, 0 V / 3 V, RL = 300 , CL = 35 pF V+ = 4.5 V, VX,Y, Z = 3 V, VS = 0 V, RL = 300 , CL = 35 pF CL = 1 nF, VGEN = 0 V, RGEN = 0 f = 1 MHz, RL = 50 f = 1 MHz, VS = 0 V, VEN = 0 V f = 1 MHz, VD = 0 V, VEN = 2.0 V f = 1 MHz, VD = 0 V, VEN = 0 V VEN = VA = 0 V or V+
V A
Full
tTRANS tBBM tON(EN) tOFF(EN) Q OIRR XTALK CS(off) CD(off) CD(on) I+
e e
Room Room Room Room Room Room Room Room Room Room Room
40 15 40 20 20 -79 -83 4 8 15 1.0 A pF pC dB ns
Source Off Capacitancee Drain Off Capacitance Drain On Capacitance Power Supply Power Supply Current
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
www.vishay.com 5
DG9051/9052/9053
Vishay Siliconix
New Product
SPECIFICATIONS (SINGLE SUPPLY 3 V)
Test Condition Otherwise Unless Specified V+ = 3 V, 10 %, V- = 0 V Parameter Analog Switch Analog Signal Rangee On-Resistance rON Match Between Channelsg VANALOG rON rON IS(off) Switch Off Leakage Current
a
Limits -40 to 85C Tempb Full Minc 0 130 12 -1 -20 -1 -20 -2 -10 2.0 0.4 -1 1 1 20 1 20 2 10 nA Typd Maxc 3 Unit V
Symbol
VEN = 0.4 V or 2.0 V
V+ = 2.7 V, VD = 1.5 V, IS = 0.1 mA V+ = 2.7 V, VD = 1.5 V, IS = 0.1 mA V+ = 3.3 V, VEN = 2.0 V VS = 3 or 0.3 V, VD = 0.3 or 3 V V+ = 3.3 V, VEN = 0 V VS = 3 or 0.3 V, VD = 0.3 or 3 V
Room Room Room Full Room Full Room Full Full Full
ID(off) Channel On Leakage Currenta Digital Control Logic High Input Voltage Logic Low Input Voltage Input Currenta Dynamic Characteristics Transition Time Break-Before-Make Time Enable Turn-On Time Enable Turn-Off Time Charge Injectione Off-Isolatione,h Crosstalk
e
ID(on)
VINH VINL IIN VAX = VEN = 2.0 V or 0.4 V V+ = 2.7 V, VNO/NC = 1.5 V/0 V, 0 V/1.5 V RL = 300 , CL = 35 pF V+ = 2.7 V, VX,Y, Z = 1.5 V, VS = 0 V, RL = 300 , CL = 35 pF CL = 1 nF, VGEN = 0 V, RGEN = 0 f = 1 MHz, RL = 50 f = 1 MHz, VS = 0 V, VEN = 1.8 V f = 1 MHz, VD = 0 V, VEN = 1.8 V f = 1 MHz, VD = 0 V, VEN = 0 V VEN = VA = 0 V or V+
V A
Full
tTRANS tBBM tON(EN) tOFF(EN) Q OIRR XTALK CS(off) CD(off) CD(on) I+
e e
Room Room Full Room Room Room Room Room Room Room Room Room
80 25 5 90 30 9 -78 -83 5 10 15 1.0 A pF pC dB ns
Source Off Capacitancee Drain Off Capacitance Power Supply Power Supply Current
Drain On Capacitance
Notes a. Leakage parameters are guaranteed by worst case test condition and not subject to production test. b. Room = 25C, Full = as determined by the operating temperature suffix. c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. e. Guaranteed by design, not subject to production test. f. VIN = input voltage to perform proper function. g. rDON = rDON Max - rDON Min. h. Worst case isolation occurs on Channel 4 due to proximity to the drain pin. i. rDON flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 6
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
DG9051/9052/9053
New Product
TYPICAL CHARACTERISTICS
200 T = 25C IS = 1 mA 160 r ON - On-Resistance ( ) V+ = 2.7 V, 120 r ON - On-Resistance () 150
Vishay Siliconix
TA = 25 C, unless otherwise noted
200 IS = 1 mA V+ = 2.7 V A 100 C A B 50 C V+ = 4.5 V V+ = 12 V A B C B A = 85C B = 25C C = -40C
80
V+ = 4.5 V,
40
V+ = 12 V,
0 0.00
0 4.00 8.00 12.00 0 2 4 6 8 10 12 VCOM - Analog Voltage (V) VCOM - Analog Voltage (V)
rON vs. VCOM and Supply Voltage
rON vs. Analog Voltage and Temperature
80 A = 85C B = 25C C = -40C r ON - On-Resistance () 60 A B 40 Supply Current (pA) VEN = 0 V 10000
C
V+ = 12 V 100 V+ = 5 V V- = -5 V
20
0 -5 -3 -1 1 3 5 VCOM - Analog Voltage (V)
1 -40
-20
0
20
40
60
80
100
Temperature ( C)
rON vs. Analog Voltage and Temperature
40 30 20 Leakage Current (pA) IS(off) 10 0 -10 -20 -30 -40 -5 -4 -3 -2 -1 0 1 2 3 4 5 Id(on) Id(off) Leakage Current (pA) VCC = +/- 5 V TA = 25C V V+ = 5 80 60 40 20
Supply Current vs. Temperature
VCC = + 12 V TA = 25C
IS(off) 0 -20 -40 -60 -80 0 2 4 6 8 10 12 Id(on) Id(off)
VCOM, VNO, VNC - Analog Voltage (V)
VCOM, VNO, VNC - Analog Voltage (V)
Leakage Current vs. Analog Voltage Document Number: 73410 S-52072-Rev. A, 10-Oct-05
Leakage Current vs. Analog Voltage www.vishay.com 7
DG9051/9052/9053
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
10000 V+ = 5 V V- = -5 V 1000 Leakage Current (pA) INO(off), IINC(off) Id(off) 3.0
- Switching Threshold (V) VT 60 80 100
2.5
2.0
100 Id(on) 10 IS(off) 1 -40
1.5
1.0
0.5
0.0 -20 0 20 40 0 2 4 6 8 10 12 14 Temperature (C) V+ - Supply Voltage (V)
Leakage Current vs. Temperature
0 Insertion Loss -20 Loss, OIRR, XTALK (dB) Q-Charge Injection (pc) 50 40 30 20 10 0 -10 -20 -30 -40 -50 100 K 1M 10 M 100 M 1G 0
Switching Threshold vs. Supply Voltage
-40
-60
OIRR
V+ = 12 V V+ = 2.7 V V+ = 4.5 V V+ = 6 V
-80 Crosstalk -100 V+ = 6 V V- = -6 V RL = 50
-120 10 K
2
4
6
8
10
12
14
Frequency (Hz)
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
10 m 1m I+ - Supply Current (nA) 100 10 1 100 n 10 n 1n 10 100 1K 10 K 100 K 1M V+ = 12 V V- = 0 V
VCOM - Analog Voltage (V)
Charge Injection vs. Analog Voltage
10 M
Input SwitchingFrequency (Hz)
Supply Current vs. Input Switching Frequency
www.vishay.com 8
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
DG9051/9052/9053
New Product
TEST CIRCUITS
Vishay Siliconix
V+ A2 A1 50 A0 S1 S2 - S7 VS1 Logic Input VS8 VO 300 V- V+ VS8 V+ A1 A0 50 EN GND V- 300 V- 35 pF S1b S1a - S4a, Da VS1b tTRANS S1 ON S8 ON (DG9408) or S4 ON (DG9409) 35 pF VS1 Switch Output VO 50% 90% 90% VAX 3V 50% 0V tr <5 ns tf <5 ns
DG9051
EN GND V-
S8 D
DG9052 S4b
Db
VS4b VO Return to Specifications: Single Supply 12 V Dual Supply V+ = 5 V, V- = -5 V Single Supply 5 V Single Supply 3 V
tTRANS
V+
Figure 1. Transition Time
V+
V+ EN A0 A1 A2 GND 50 V- V+ Switch Output V+ EN A0 A1 GND 50 V- S1b S1a - S4a, Da S2b - S4b VS1 VO VO 90% V- S1 S2 - S8 VS1
DG9051
D 300 VO 35 pF Logic Input 3V 50% 0V tOFF(EN) 0V tON(EN) 90% tr <5 ns tf <5 ns
Return to Specifications: Single Supply 12 V VO 35 pF Dual Supply V+ = 5 V, V- = -5 V Single Supply 5 V Single Supply 3 V
DG9052
Db V- 300
Figure 2. Enable Switching Time
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
www.vishay.com 9
DG9051/9052/9053
Vishay Siliconix
TEST CIRCUITS
New Product
V+ EN All S and Da A0 A1 A2 GND 50 Db, D V- 300 VO VS1
Logic Input
3V 50% 0V
tr <5 ns tf <5 ns
VS Switch Output
90%
V-
35 pF
VO
0V
tOPEN
Return to Specifications: Single Supply 12 V Dual Supply V+ = 5 V, V- = -5 V Single Supply 5 V Single Supply 3 V
Figure 3. Break-Before-Make Interval
V+
Rg SX EN Vg Channel Select A0 A1 A2 GND
V+ Logic Input D VO CL 1 nF V- Switch Output
3V OFF 0V ON OFF
VO VO is the measured voltage due to charge transfer error Q, when the channel turns off. Q = CL x VO
V-
Figure 4. Charge Injection
V+
V+
VIN Rg = 50
SX S8 A0 A1 A2 GND
V+
S1 EN RIN 50 D VOUT RL 50 Rg = 50 VIN SX S8 A0 A1 A2 GND
V+
D
VOUT RL 50
V-
EN
V-
V- Off Isolation = 20 log VOUT VIN
V- Crosstalk = 20 log
VOUT VIN
Figure 5. Off Isolation
Figure 6. Crosstalk
www.vishay.com 10
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
DG9051/9052/9053
New Product
TEST CIRCUITS
V+ V+
Vishay Siliconix
VIN Rg = 50
S1
V+ A2
V+
S1 Meter S8 HP4192A Impedance Analyzer or Equivalent f = 1 MHz
A0 A1 A2 GND EN V-
D
VOUT RL 50
Channel Select
A1 A0
D GND EN V-
V- Insertion Loss = 20 log
VOUT VIN
V-
Figure 7. Insertion Loss
Figure 8. Source Drain Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?73410.
Document Number: 73410 S-52072-Rev. A, 10-Oct-05
www.vishay.com 11
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG9052

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X